Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800H Fiches technique(PDF) 43 Page - SIMCom

No de pièce SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Fiches technique(HTML) 43 Page - SIMCom

Back Button SIM800H Datasheet HTML 39Page - SIMCom SIM800H Datasheet HTML 40Page - SIMCom SIM800H Datasheet HTML 41Page - SIMCom SIM800H Datasheet HTML 42Page - SIMCom SIM800H Datasheet HTML 43Page - SIMCom SIM800H Datasheet HTML 44Page - SIMCom SIM800H Datasheet HTML 45Page - SIMCom SIM800H Datasheet HTML 46Page - SIMCom SIM800H Datasheet HTML 47Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
Smart Machine Smart Decision
4.9.2.
PCM Interface
Refer to the following figure for PCM design:
Figure 37: PCM reference circuit
4.9.3.
LCD Display/SPI Interface
SIM800H&SIM800L provides a serial interface. It could be used as SPI interface in the embedded AT
application.
SIM800H&SIM800L_Hardware Design_V2.02
43
2015-07-27
Module
LCD
GND
GND
SPI_DATA
DISP_CS
DISP_RST
DISP_D/C
DISP_CLK
DISP_DATA
SPI_CS
SPI_RST
SPI_D/C
SPI_CLK
Figure 38: LCD reference circuit
4.9.4.
SD Card Interface
Figure 39: SD reference circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73