Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800H Fiches technique(PDF) 41 Page - SIMCom

No de pièce SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Fiches technique(HTML) 41 Page - SIMCom

Back Button SIM800H Datasheet HTML 37Page - SIMCom SIM800H Datasheet HTML 38Page - SIMCom SIM800H Datasheet HTML 39Page - SIMCom SIM800H Datasheet HTML 40Page - SIMCom SIM800H Datasheet HTML 41Page - SIMCom SIM800H Datasheet HTML 42Page - SIMCom SIM800H Datasheet HTML 43Page - SIMCom SIM800H Datasheet HTML 44Page - SIMCom SIM800H Datasheet HTML 45Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
41
2015-07-27
Figure 36: Amphenol C707 10M006 512 SIM card holder
Table 19: Pin description (Amphenol SIM card holder)
Pin name
Signal
Description
C1
SIM_VDD
SIM card power supply
C2
SIM_RST
SIM card reset
C3
SIM_CLK
SIM card clock
C5
GND
Connect to GND
C6
VPP
Not connect
C7
SIM_DATA
SIM card data I/O
Note: Every time plug SIM card interval advice is greater than 2s. Otherwise may not be able to correct detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73