| Moteur de recherche de fiches techniques de composants électroniques |
|
COPPERCATALOG Fiches technique(PDF) 49 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
COPPERCATALOG Fiches technique(HTML) 49 Page - Amphenol Aerospace Operations |
|
49 / 56 page ![]() 260 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com Amphenol Aerospace Dualok III SJT 38999 PCB HD I II Accessories Herm/Seal Aquacon Fiber Optics Contacts Connectors Cables HIgH SPeeD AB C D E F G H J K L M NP R S T UV A B C D E F G H J K L M N P R S T U V W X Y Z a A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t u v w x A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t u v w x y z AA A B C D E F G H J K L Insert Patterns - MIL-DTL-38999 Incorporating Coax,Twinax andTriax Contacts A B C D E F G H J K L M N P R S T U V W X Y Z 1 2 3 4 5 6 7 Insert Arrangement 24-19 25-19 24-20 25-20* 24-24 25-24 Connector Series JT, SJT LJT, TV SJT LJT, TV JT, SJT LJT, TV Service Rating I N I Number of Contact 19 10 13 3 4 12 12 Contact Size 12 20 16 8 12 16 12 (Locations U and Y - Dedi- cated to Fiber Optics) Insert Arrangement 24-46 25-46 25-11* Connector Series SJT LJT, TV LJT, TV Service Rating I N Number of Contact 40 4 2 2 9 Contact Size 20 16 8 20 10 Insert Arrangement 24-29 25-29 24-37 25-37 24-43 25-43 Connector Series JT, SJT LJT, TV JT, SJT LJT, TV JT, SJT LJT, TV Service Rating I I I Number of Contact 29 37 23 20 Contact Size 16 16 20 16 CONTACT LEGEND 8 10 12 16 20 22D Coax/Twinax/ Triax or Power Twinax/Triax/ or Power Coax/Twinax/ Triax or Power Coax or Power Power Power * For use in MIL-STD-1760 applications with MIL-DTL-38999 Series III |