Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COPPERCATALOG Fiches technique(PDF) 4 Page - Amphenol Aerospace Operations

No de pièce COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAO [Amphenol Aerospace Operations]
Site Internet  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Fiches technique(HTML) 4 Page - Amphenol Aerospace Operations

  COPPERCATALOG Datasheet HTML 1Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 2Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 3Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 4Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 5Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 6Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 7Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 8Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
215
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
QUADRAX CONTACTS
FOR ARINC
CONNECTORS
Amphenol ARINC 600 Rack and Panel
connectors can incorporate high speed
quadrax contacts as well as coax, twinax
and differential twinax contacts R27 Rack
and Panel connectors use the same
contacts as ARINC 600 connectors For
more information about rack and panel
connectors contact Amphenol Aerospace
BOARD LEVEL
CONNECTORS WITH
COMPLIANT QUADRAX
CONTACTS
Amphenol also provides compliant
quadrax socket contacts and quadrax pin
contacts with PC tails for attaching to
printed circuit boards See page 233 for
more information
Compliant Quadrax Socket and
PCB Tail Quadrax Pin
Board Level
Connector
with Compliant
Quadrax
Contacts
Quadrax Contacts, Quadrax Terminators,
Transition Adapters
Overview
Transition Adapters
Straight Quadrax
Receptacle Contact
90° Quadrax Receptacle
and Plug Transition
Adapter
In conjunction with its Differential Twinax and Quadrax contacts, Amphenol
has developed a full line of Transition Adapters in order to facilitate launching of
controlled impedance signals to printed circuit boards These use differential twinax
or quadrax 90° or straight receptacles and they can be either threaded or cable to
board direct The threaded transition adapters provide an ideal method of
disconnecting the differential twinax or quadrax connector from the board
See pages 234-240 for further description, performance data and ordering of
transition adapters
Amphenol’s newest addition to their high speed interconnect product offering is Micro
D-Twinax Transition adapters See page 238-240 for more information
Quadrax Contact for
ARINC Connectors
Quadrax Terminators
FEED-THROUGH CONNECTOR
WITH QUADRAX CONTACTS
Amphenol’s feed-through connector is
double-ended for through bulkhead applications
Consult Amphenol for more information
Amphenol offers a terminator assembly which is a
low reactance, resistive impedance match to the
characteristic impedance of a transmission line It
is used to terminate the far ends of a transmission
line or an open tap so that the energy from signals
traveling down the transmission line is absorbed
within the resistor and not reflected back down the
transmission line causing signal interference
(noise) Consult Amphenol for more information
Quadrax Terminator
90° Differential Twinax
Receptacle and Plug
Transition Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56