Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI74FCT16244TA Fiches technique(PDF) 8 Page - Pericom Semiconductor Corporation

No de pièce PI74FCT16244TA
Description  Fast CMOS 16-Bit Buffer/Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16244TA Fiches technique(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74FCT16244TA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PI74FCT16244T/162244T
16-Bit Buffer/Line Drivers
8
PS2031L
02/26/07
.378
.386
.047
.031
.041
SEATING
PLANE
.0051
.009
.016
BSC
1
48
.169
.177
9.60
9.80
4.30
4.50
0.40
0.13
0.23
0.80
1.05
.002
.006
0.05
0.15
.0035
.008
0.09
0.20
.018
.030
0.45
0.75
.252
BSC
6.4
Max.
1.20
Packaging Mechanical: 48-pin 173-mil wide plastic TVSOP (K)
PI74FCT16244T OrderingInformation
Ordering Code
Package Code
SpeedGrade
Package Type
PI74FCT16244TA
A
Blank
48-pin240-milwideTSSOP
PI74FCT16244TAE
A
Blank
Pb-free&Green,48-pin240-milwideTSSOP
PI74FCT16244TV
V
Blank
48-pin300-milwideSSOP
PI74FCT16244TVE
V
Blank
Pb-free&Green,48-pin300-milwideSSOP
PI74FCT16244TK
K
Blank
48-pin173-milwideTVSOP
PI74FCT16244TKE
K
Blank
Pb-free&Green,48-pin173-milwideTVSOP
PI74FCT16244ATA
A
A
48-pin240-milwideTSSOP
PI74FCT16244ATAE
A
A
Pb-free&Green,48-pin240-milwideTSSOP
PI74FCT16244ATV
V
A
48-pin300-milwideSSOP
PI74FCT16244ATVE
V
A
Pb-free&Green,48-pin300-milwideSSOP
PI74FCT16244CTA
A
C
48-pin240-milwideTSSOP
PI74FCT16244CTAE
A
C
Pb-free&Green,48-pin240-milwideTSSOP
PI74FCT16244CTV
V
C
48-pin300-milwideSSOP
PI74FCT16244CTVE
V
C
Pb-free&Green,48-pin300-milwideSSOP
07-0059



Html Pages

1 2 3 4 5 6 7 8 9