Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI74FCT16244TA Fiches technique(PDF) 6 Page - Pericom Semiconductor Corporation

No de pièce PI74FCT16244TA
Description  Fast CMOS 16-Bit Buffer/Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16244TA Fiches technique(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT16244TA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PI74FCT16244T/162244T
16-Bit Buffer/Line Drivers
6
PS2031L
02/26/07
PI74FCT16244T Switching Characteristics over Operating Range
16244T
16244AT
16244CT
16244ET
Com.
Com.
Com.
Com.
Parameters
Description
Conditions
M i n
Max
M i n
Max
M i n
Max
M i n
Max Units
tPLH
PropagationDelay(1)
CL = 50 pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.2
ns
tPHL
X
AX to XYX
RL = 500
Ω
tPZH
OutputEnableTime
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.4
ns
tPZL
X
OE to XYX
tPHZ
OutputDisableTime(2)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.3
ns
tPLZ
X
OE to XYX
tSK(o)
OutputSkew(3)
0.5
0.5
0.5
0.5
ns
PI74FCT162244T Switching Characteristics over Operating Range
162244T
162244AT
162244CT
162244ET
Com.
Com.
Com.
Com.
Parameters
Description
Conditions
M i n
Max
M i n
Max
M i n
Max
M i n
Max Units
tPLH
PropagationDelay(1)
CL = 50 pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.2
ns
tPHL
X
AX to XYX
RL= 500
Ω
tPZH
OutputEnableTime
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.4
ns
tPZL
X
OE to XYX
tPHZ
OutputDisableTime(2)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
X
OE to XYX
tSK(o)
OutputSkew(3)
0.5
0.5
0.5
0.5
ns
Notes:
1. Minimum limits are guaranteed but not tested on Propagation Delays.
2. This parameter is guaranteed but not production tested.
3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
Notes:
1. Minimum limits are guaranteed but not tested on Propagation Delays.
2. This parameter is guaranteed but not production tested.
3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
07-0059



Html Pages

1 2 3 4 5 6 7 8 9