Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1270AMAVRCTR Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce TC1270AMAVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMAVRCTR Fiches technique(HTML) 37 Page - Microchip Technology

Back Button TC1270AMAVRCTR Datasheet HTML 33Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 34Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 35Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 36Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 37Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 38Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 39Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 40Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 37
TC1270A/70AN/71A
APPENDIX A: REVISION HISTORY
Revision F (January 2022)
• Updated Ground function pins in Table 3-1.
• Updated document layout.
• Minor corrections throughout.
• Updated available variants lists in Section 9.0
“Packaging information”.
• Updated Product Identification System to include
Automotive information.
Revision E (May 2021)
• Updated the Features section.
• Updated the Temperature Characteristics table.
• Updated Section 9.0 “Packaging information”
with Automotive examples and current Package
Drawings.
• Updated Product Identification System to include
Automotive examples.
• Minor editorial corrections.
Revision D (August 2011)
• Added the SOT-143 package to the TC1270AN
device and related information throughout the
document.
Revision C (October 2010)
• Modified the Product Identification System section
to reflect the custom manufacturing code used for
devices with a Reset Delay time out of 35 ms
(was a “C”, now is an “A”).
• Clarified information presented in Section 4.2
“Voltage Detect Circuit”.
Revision B (June 2007)
• Added new options:
- Open-Drain output
- New Reset Delay time outs.
• Updated Package Outline Drawings.
• Added new options to the Product Identification
System section.
Revision A (March 2007)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42