| Moteur de recherche de fiches techniques de composants électroniques |
|
TC1270AMAVRCTR Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMAVRCTR Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 42 page ![]() TC1270A/70AN/71A DS20002035F-page 32 2007-2022 Microchip Technology Inc. and its subsidiaries RECOMMENDED LAND PATTERN 5-Lead Plastic Small Outline Transistor (CT) [SOT23] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: 1. Dimensioning and tolerancing per ASME Y14.5M Microchip Technology Drawing No. C04-2091-CT Rev F Dimension Limits Contact Pad Length (X5) Overall Width Distance Between Pads Contact Pad Width (X5) Contact Pitch Contact Pad Spacing 3.90 1.10 G Z Y 1.70 0.60 MAX MIN C X E Units NOM 0.95 BSC 2.80 MILLIMETERS Distance Between Pads GX 0.35 1 5 X Y Z C E GX G 2 SILK SCREEN |