Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6402 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 3Page - Microchip Technology SST38VF6402 Datasheet HTML 4Page - Microchip Technology SST38VF6402 Datasheet HTML 5Page - Microchip Technology SST38VF6402 Datasheet HTML 6Page - Microchip Technology SST38VF6402 Datasheet HTML 7Page - Microchip Technology SST38VF6402 Datasheet HTML 8Page - Microchip Technology SST38VF6402 Datasheet HTML 9Page - Microchip Technology SST38VF6402 Datasheet HTML 10Page - Microchip Technology SST38VF6402 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
7
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Table 3: SST38VF6403and SST38VF6404 Memory Maps (1 of 2)
SST38VF6403
Block1,2
Sectors3
Address A21-A124
VPB5
NVPB5
WP#6
B05,6
S0
0000000000
YES
YES
YES
S1
0000000001
YES
YES
YES
S2
0000000010
YES
YES
NO
S3
0000000011
YES
YES
NO
S4
0000000100
YES
YES
NO
S5
0000000101
YES
YES
NO
S6
0000000110
YES
YES
NO
S7
0000000111
YES
YES
NO
B1
S8-S15
0000001XXX
YES
YES
NO
B2
S16-S23
0000010XXX
YES
YES
NO
B3
S24-S31
0000011XXX
YES
YES
NO
B4
S32-S39
0000100XXX
YES
YES
NO
B5
S40-S47
0000101XXX
YES
YES
NO
B6
S48-S55
0000110XXX
YES
YES
NO
B7
S56-S63
0000111XXX
YES
YES
NO
B8 - B119 follow the same pattern
B120
S960-S967
1111000XXX
YES
YES
NO
B121
S968-S975
1111001XXX
YES
YES
NO
B122
S976-S983
1111010XXX
YES
YES
NO
B123
S984-S991
1111011XXX
YES
YES
NO
B124
S992-S999
1111100XXX
YES
YES
NO
B125
S1000-S1007
1111101XXX
YES
YES
NO
B126
S1008-S1015
1111110XXX
YES
YES
NO
B127
S1016-S1023
1111111XXX
YES
YES
NO
SST38VF6404
Block1,2
Sectors3
Address A21-A124
VPB5
NVPB5
WP#7
B0
S0-S7
0000000XXX
YES
YES
NO
B1
S8-S15
0000001XXX
YES
YES
NO
B2
S16-S23
0000010XXX
YES
YES
NO
B3
S24-S31
0000011XXX
YES
YES
NO
B4
S32-S39
0000100XXX
YES
YES
NO
B5
S40-S47
0000101XXX
YES
YES
NO
B6
S48-S55
0000110XXX
YES
YES
NO
B7
S56-S63
0000111XXX
YES
YES
NO
B8 - B119 follow the same pattern
B120
S960-S967
1111000XXX
YES
YES
NO
B121
S968-S975
1111001XXX
YES
YES
NO
B122
S976-S983
1111010XXX
YES
YES
NO
B123
S984-S991
1111011XXX
YES
YES
NO
B124
S992-S999
1111100XXX
YES
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66