Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6402 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 2Page - Microchip Technology SST38VF6402 Datasheet HTML 3Page - Microchip Technology SST38VF6402 Datasheet HTML 4Page - Microchip Technology SST38VF6402 Datasheet HTML 5Page - Microchip Technology SST38VF6402 Datasheet HTML 6Page - Microchip Technology SST38VF6402 Datasheet HTML 7Page - Microchip Technology SST38VF6402 Datasheet HTML 8Page - Microchip Technology SST38VF6402 Datasheet HTML 9Page - Microchip Technology SST38VF6402 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
6
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Memory Maps
Table 2: SST38VF6401and SST38VF6402 Memory Maps
SST38VF6401
Block1,2
1. Each block, B0-B127 is 32KWord.
2. Each block consists of eight sectors.
Sectors3
3. Each sector, S0-S1023 is 4KWord.
Address A21-A124
4. X = 0 or 1. Block Address (BA) = A21 - A15; Sector Address (SA) = A21 - A12
VPB5
5. Each block has an associated VPB and NVPB.
NVPB5
WP#6
6. Block B0 is the boot block.
B06
S0-S7
0000000XXX
YES
YES
YES
B1
S8-S15
0000001XXX
YES
YES
NO
B2
S16-S23
0000010XXX
YES
YES
NO
B3
S24-S31
0000011XXX
YES
YES
NO
B4
S32-S39
0000100XXX
YES
YES
NO
B5
S40-S47
0000101XXX
YES
YES
NO
B6
S48-S55
0000110XXX
YES
YES
NO
B7
S56-S63
0000111XXX
YES
YES
NO
B8 - B119 follow the same pattern
B120
S960-S967
1111000XXX
YES
YES
NO
B121
S968-S975
1111001XXX
YES
YES
NO
B122
S976-S983
1111010XXX
YES
YES
NO
B123
S984-S991
1111011XXX
YES
YES
NO
B124
S992-S999
1111100XXX
YES
YES
NO
B125
S1000-S1007
1111101XXX
YES
YES
NO
B126
S1008-S1015
1111110XXX
YES
YES
NO
B127
S1016-S1023
1111111XXX
YES
YES
NO
SST38VF6402
Block1,2
Sectors3
Address A21-A124
VPB5
NVPB5
WP#7
7. Block B127 is the boot block.
B0
S0-S7
0000000XXX
YES
YES
NO
B1
S8-S15
0000001XXX
YES
YES
NO
B2
S16-S23
0000010XXX
YES
YES
NO
B3
S24-S31
0000011XXX
YES
YES
NO
B4
S32-S39
0000100XXX
YES
YES
NO
B5
S40-S47
0000101XXX
YES
YES
NO
B6
S48-S55
0000110XXX
YES
YES
NO
B7
S56-S63
0000111XXX
YES
YES
NO
B8 - B119 follow the same pattern
B120
S960-S967
1111000XXX
YES
YES
NO
B121
S968-S975
1111001XXX
YES
YES
NO
B122
S976-S983
1111010XXX
YES
YES
NO
B123
S984-S991
1111011XXX
YES
YES
NO
B124
S992-S999
1111100XXX
YES
YES
NO
B125
S1000-S1007
1111101XXX
YES
YES
NO
B126
S1008-S1015
1111110XXX
YES
YES
NO
B1277
S1016-S1023
1111111XXX
YES
YES
YES
T2.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66