Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT912D-S20-R Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce UT912D-S20-R
Description  DECODERS FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912D-S20-R Fiches technique(HTML) 4 Page - Unisonic Technologies

  UT912D-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912D-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R502-044,A
OPERATION FLOWCHART
The oscillator is disabled in the standby state and activated when a logic “high” signal applies to the DIN pin.
That is to say, the DIN should be kept low if there is no signal input.
Power
on
Standby
mode
Code in ?
Match
previous stored
data ?
3 times
of checking
completed?
No
Yes
Yes
Yes
Address bits
matched ?
Disable V T &
ignore the rest of
this word
No
Store data
Latch data
to output &
activate V T
Address or
data error ?
Yes
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7