| Moteur de recherche de fiches techniques de composants électroniques |
|
UT912D-S20-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT912D-S20-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() UT912D CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 www.unisonic.com.tw QW-R502-044,A PIN CONFIGURATION 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD VT OSC1 OSC2 VSS A7 A0 A1 A2 A3 A4 A5 A6 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC VDD OSC1 OSC2 DIN D11 A0 A1 A2 A3 A4 A5 A6 DIP-18 15 16 D10 A7 SOP-20 15 16 17 18 DIN D11 D10 D9 D8 NC VSS D8 D9 VT 17 18 19 20 PIN DESCRIPTION PIN NAME I/O INTERNAL CONNECTION DESCRIPTION A0 ~ A7 I NMOS Transmission Gate Input pins for address A0 ~ A7 setting, these pins can be externally set to VSS or left open. D8 ~ D11 O CMOS OUT Output data pins, power-on state is low. DIN I CMOS IN Serial data input pin VT O CMOS OUT Valid transmission, active high OSC1 I Oscillator Oscillator input pin OSC2 O Oscillator Oscillator output pin VSS Negative power supply, (GND) VDD Positive power supply BLOCK DIAGRAM Oscillator Buffer Sync . Detector Comparator Data Detector Transmission Gate Circuit Comparator Divider Data Shift Register Latch Circuit Control Logic Buffer Address VSS VDD DIN OSC 2 OSC1 VT Data |