| Moteur de recherche de fiches techniques de composants électroniques |
|
ES9080 Fiches technique(PDF) 13 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9080 Fiches technique(HTML) 13 Page - ESS Technology,Inc |
|
13 / 146 page ![]() CONFIDENTIAL ADVANCE INFORMATION 0.4.3 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 13 ES9080 Product Datasheet GPIO Configuration GPIO#_CFG Function I/O Direction 0 1’b0 Output 1 1’b0 Output 2 1’b1 Output 3 128 FS Block Output 4 Interrupt Output 5 Mute all channel Input 6 System mode Control Input 7 Reserved Output 8 CLK_VALID flag Output 9 PWM1 Output 10 PWM2 Output 11 PWM3 Output 2 Volume min Output 13 Automute status Output 14 Soft Ramp finished Output 15 S/PDIF stream output (selects S/PDIF 1&2 outputs by S/PDIF_SEL in Reg 64-67 Output Table 3 – Standard GPIO Functions Each GPIO can be configured using GPIO#_CFG, where # corresponds to the GPIO number (eg GPIO1) These configurations can be access through Registers 53-57. |