Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9080 Fiches technique(PDF) 83 Page - ESS Technology,Inc

No de pièce ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Fiches technique(HTML) 83 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 79Page - ESS Technology,Inc ES9080 Datasheet HTML 80Page - ESS Technology,Inc ES9080 Datasheet HTML 81Page - ESS Technology,Inc ES9080 Datasheet HTML 82Page - ESS Technology,Inc ES9080 Datasheet HTML 83Page - ESS Technology,Inc ES9080 Datasheet HTML 84Page - ESS Technology,Inc ES9080 Datasheet HTML 85Page - ESS Technology,Inc ES9080 Datasheet HTML 86Page - ESS Technology,Inc ES9080 Datasheet HTML 87Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
83
ES9080 Product Datasheet
Register 82: BCK/WS MONITOR CONFIG
Bits
[7:6]
[5]
[4]
[3:0]
Default
2'd0
1'b0
1'b0
4'd0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
ENABLE_WS_MONITOR
Enable WS monitor.
•
1'b0: Disable (default)
•
1'b1: Enable
Note: Should be set to 1’b0 when using DSD, if required then
data is required to be on Channel 1
[4]
ENABLE_BCK_MONITOR
Enable BCK monitor.
•
1'b0: Disable (default)
•
1'b1: Enable
[3:0]
BCK_TIMER_DIV
BCK monitor counts 0 to (9'h1FF >> BCK_TIME_DIV) on
MCLK.
•
4’d0: Minimum (default)
•
4’d15: Maximum
Register 83: TDM VALID PULSE CONFIG
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
TDM_VALID_PULSE_POS
The position of TDM valid pulse compared to WS valid edge.
•
8’d0: Minimum
•
8’d255: Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More