Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9033Q Fiches technique(PDF) 87 Page - ESS Technology,Inc

No de pièce ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Fiches technique(HTML) 87 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 83Page - ESS Technology,Inc ES9033Q Datasheet HTML 84Page - ESS Technology,Inc ES9033Q Datasheet HTML 85Page - ESS Technology,Inc ES9033Q Datasheet HTML 86Page - ESS Technology,Inc ES9033Q Datasheet HTML 87Page - ESS Technology,Inc ES9033Q Datasheet HTML 88Page - ESS Technology,Inc ES9033Q Datasheet HTML 89Page - ESS Technology,Inc ES9033Q Datasheet HTML 90Page - ESS Technology,Inc ES9033Q Datasheet HTML 91Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
87
Register 203: PLL REGISTER8
Bits
[7:6]
[5]
[4]
[3:0]
Default
2’d0
1’b0
1’b0
4’b0000
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
PLL_DIG_RSTB
Resets the Digital core of the PLL.
•
1’b0 (default): PLL digital is off
•
1b1: PLL digital is on
[4]
PLL_VCO_D_EN
PLL requirement for normal operation
•
1’b0 (default): PLL not used
•
1’b1: For normal PLL operation
[3:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More