Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9033Q Fiches technique(PDF) 83 Page - ESS Technology,Inc

No de pièce ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Fiches technique(HTML) 83 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 79Page - ESS Technology,Inc ES9033Q Datasheet HTML 80Page - ESS Technology,Inc ES9033Q Datasheet HTML 81Page - ESS Technology,Inc ES9033Q Datasheet HTML 82Page - ESS Technology,Inc ES9033Q Datasheet HTML 83Page - ESS Technology,Inc ES9033Q Datasheet HTML 84Page - ESS Technology,Inc ES9033Q Datasheet HTML 85Page - ESS Technology,Inc ES9033Q Datasheet HTML 86Page - ESS Technology,Inc ES9033Q Datasheet HTML 87Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
83
Register 194: PLL REGISTER3
Bits
[7:4]
[3]
[2]
[1]
[0]
Default
4’d0
1’b0
1’b0
1’b0
1’b0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2]
AUTO_LOCK_EN
Allows PLL to relock when PLL lock is lost and there are 256
valid PLL input clock cycles.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[1:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More