Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9027SPRO Fiches technique(PDF) 73 Page - ESS Technology,Inc

No de pièce ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Fiches technique(HTML) 73 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 69Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 70Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 71Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 72Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 73Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 74Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 75Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 76Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 77Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
73
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 90: DAC PATH CONFIG
Bits
[7:2]
[1]
[0]
Default
6'b00000
1'b0
1'b0
Bits
Mnemonic
Description
[7:2]
RESERVED
NA
[1]
BYPASS_FIR4X
•
1'b0: Non-bypass IFir_4x (default)
•
1'b1: Bypass IFir_4x
[0]
BYPASS_FIR2X
•
1'b0: Non-bypass IFir_2x (default)
•
1'b1: Bypass IFir_2x
Register 122-98: RESERVED
Register 123: AUTOMUTE ENABLE
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
Bits
Mnemonic
Description
[7]
AUTOMUTE_EN_CH8
•
1'b0: Disables ch8 automute
•
1'b1: Enables ch8 automute (default)
Note: Automute is available for PCM only
[6]
AUTOMUTE_EN_CH7
•
1'b0: Disables ch7 automute
•
1'b1: Enables ch7 automute (default)
Note: Automute is available for PCM only
[5]
AUTOMUTE_EN_CH6
•
1'b0: Disables ch6 automute
•
1'b1: Enables ch6 automute (default)
Note: Automute is available for PCM only
[4]
AUTOMUTE_EN_CH5
•
1'b0: Disables ch5 automute
•
1'b1: Enables ch5 automute (default)
Note: Automute is available for PCM only
[3]
AUTOMUTE_EN_CH4
•
1'b0: Disables ch4 automute
•
1'b1: Enables ch4 automute (default)
Note: Automute is available for PCM only
[2]
AUTOMUTE_EN_CH3
•
1'b0: Disables ch3 automute
•
1'b1: Enables ch3 automute (default)
Note: Automute is available for PCM only
[1]
AUTOMUTE_EN_CH2
•
1'b0: Disables ch2 automute
•
1'b1: Enables ch2 automute (default)
Note: Automute is available for PCM only
[0]
AUTOMUTE_EN_CH1
•
1'b0: Disables ch1 automute
•
1'b1: Enables ch1 automute (default)
Note: Automute is available for PCM only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89