Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9027SPRO Fiches technique(PDF) 41 Page - ESS Technology,Inc

No de pièce ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Fiches technique(HTML) 41 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 37Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 38Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 39Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 40Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 41Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 42Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 43Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 44Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
41
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 4: CLOCK CONFIG
Bits
[7:0]
Default
8'd7
Bits
Mnemonic
Description
[7:0]
MASTER_BCK_DIV
Master mode clock divider. Whole number divide value + 1 for CLK_Master
(SYS_CLK/divide_value).
Register 5: CLK GEAR SELECT
Bits
[7:6]
[5:4]
[3]
[2]
[1:0]
Default
2'b00
2'd0
1'b0
1'b0
2'b00
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5:4]
SEL_CLK_GEAR
Clock Gearing
•
2'd0: SYS_CLK/1
•
2'd1: SYS_CLK/2
•
2'd2: SYS_CLK/4
•
2'd3: SYS_CLK/8
[3]
RESERVED
NA
[2]
AUTO_CLK_GEAR
•
1'b0: Disable automatic clock gearing. SYS_CLK = SEL_CLK_GEAR
•
1'b1: Enable automatic clock gearing. SYS_CLK will increase up to
SEL_CLK_GEAR
[1:0]
RESERVED
NA
Register 9-7: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89