Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NB650GL Fiches technique(PDF) 4 Page - MPS Industries, Inc.

No de pièce NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPSIND [MPS Industries, Inc.]
Site Internet  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650GL Fiches technique(HTML) 4 Page - MPS Industries, Inc.

  NB650GL Datasheet HTML 1Page - MPS Industries, Inc. NB650GL Datasheet HTML 2Page - MPS Industries, Inc. NB650GL Datasheet HTML 3Page - MPS Industries, Inc. NB650GL Datasheet HTML 4Page - MPS Industries, Inc. NB650GL Datasheet HTML 5Page - MPS Industries, Inc. NB650GL Datasheet HTML 6Page - MPS Industries, Inc. NB650GL Datasheet HTML 7Page - MPS Industries, Inc. NB650GL Datasheet HTML 8Page - MPS Industries, Inc. NB650GL Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
4
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN17
Pin #
Name
Description
1,2
SW
Switch Output. Connect using wide PCB traces.
3
BST
Bootstrap. Requires a capacitor between SW and BST to form a floating supply across
the high-side switch driver.
4
PG
Power Good. Output is an open drain and is high if the output voltage exceeds 90% of
the nominal voltage. The
re is a delay from FB≥90%×Vref to PG goes high.
5
EN
EN=1 to enable. For automatic start-up, connect to VIN with a
100kΩ resistor.
6,7
VID1
VID2
VID inputs. Control signals for the output-voltage scaling. Acts as the control signals for
the internal VID switches. Usually uses an external resistor in parallel with the low-side
FB resistor. Changing the VID ON/OFF state changes the FB divider scaling and result
in different output voltages.
8
VCC
Internal LDO output. The power supply of the internal control circuits. Decouple with 1
μF
capacitor.
9,10
GND
System Ground. The reference ground of the regulated output voltage. Layout requires
extra care.
11
IN
Supply Voltage. Operates from a 4.5V-to-28V input rail. Requires C1 to decouple the
input rail. Connect using wide PCB traces.
12
AGND
Analog Ground.
13
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to
set the output voltage.
14,15
RFB2
RFB1
Drain of the internal VID switches. Typically uses an external resistor in parallel with the
low-side FB resistor along with the internal VID switch to change the ON/OFF state of
the VID switching to change the FB divider scaling and result in different output
voltages.
16
SS
Soft-Start. Connect an external capacitor to program the soft-start time for the switch-
mode regulator.
17
FREQ
Frequency Set during CCM. The input voltage and the frequency-set resistor between
the IN and FREQ pin determines the ON period. For best results, use an ON period
longer than 200ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com