Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STS01DTP06 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STS01DTP06
Description  Dual NPN-PNP complementary Bipolar transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Fiches technique(HTML) 5 Page - STMicroelectronics

  STS01DTP06_06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 8Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STS01DTP06
5/11
2.1
Electrical characteristics (curve)
VBE(sat) (1)
Base-emitter saturation
voltage
IC = -1A
IB = -10mA
-0.85
-1.1
V
hFE (1)
DC current gain
IC = -1A
VCE = -2V
IC = -3A
VCE = -2V
100
30
1. Pulsed: Pulse duration = 300 ms, duty cycle
≤ 1.5 %
Table 4.
Q2-PNP transistor electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Figure 1.
Reverse biased area Q1 NPN
transistor
Figure 2.
DC current gain Q1 NPN
transistor
Figure 3.
DC current gain Q1 NPN
transistor
Figure 4.
Collector-emitter saturation
voltage Q1 NPN transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11