Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STS01DTP06 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STS01DTP06
Description  Dual NPN-PNP complementary Bipolar transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Fiches technique(HTML) 3 Page - STMicroelectronics

  STS01DTP06_06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 8Page - STMicroelectronics STS01DTP06_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STS01DTP06
3/11
1
Electrical ratings
Table 2.
Thermal data
1
When mounted on 1 inch square pad of 2 oz. copper, t
10 sec.
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
NPN
PNP
VCBO
Collector-base voltage (IE = 0)
60
-60
V
VCEO
Collector-emitter voltage (IB = 0)
30
-30
V
VEBO
Emitter-base voltage (IC = 0)
5
-5
V
IC
Collector current
3
-3
A
ICM
Collector peak current (tP < 5ms)
6
-6
A
IB
Base current
1
-1
A
IBM
Base peak current (tP < 1ms)
2
-2
A
Ptot
Total dissipation at Tc = 25°C single
2
W
Ptot
Total dissipation at Tc = 25°C couple
1.6
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-amb 1 Thermal resistance junction-ambient____M__mMax
(Single operation)
62.5
°C/W
Rthj-amb 1
Thermal resistance junction-ambient____M__mMax
(Dual operation)
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11