Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58LR128HT85ZB5F Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 78Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 79Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 80Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 81Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 82Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 83Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 84Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 85Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
Block address tables
M58LR128HT, M58LR128HB
82/112
34
64
1F0000-1FFFFF
33
64
1E0000-1EFFFF
32
64
1D0000-1DFFFF
31
64
1C0000-1CFFFF
30
64
1B0000-1BFFFF
29
64
1A0000-1AFFFF
28
64
190000-19FFFF
27
64
180000-18FFFF
26
64
170000-17FFFF
25
64
160000-16FFFF
24
64
150000-15FFFF
23
64
140000-14FFFF
22
64
130000-13FFFF
21
64
120000-12FFFF
20
64
110000-11FFFF
19
64
1F0000-1FFFFF
18
64
0F0000-0FFFFF
17
64
0E0000-0EFFFF
16
64
0D0000-0DFFFF
15
64
0C0000-0CFFFF
14
64
0B0000-0BFFFF
13
64
0A0000-0AFFFF
12
64
090000-09FFFF
11
64
080000-08FFFF
10
64
070000-07FFFF
9
64
060000-06FFFF
8
64
050000-05FFFF
7
64
040000-04FFFF
6
64
030000-03FFFF
5
64
020000-02FFFF
4
64
010000-01FFFF
3
16
00C000-00FFFF
2
16
008000-00BFFF
1
16
004000-007FFF
0
16
000000-003FFF
1.
There are two Bank Regions: Bank Region 2 contains all the banks that are made up of main blocks only;
Bank Region 1 contains the banks that are made up of the parameter and main blocks (Parameter Bank).
Table 31.
Bottom boot block addresses, M58LR128HB (continued)
Bank(1)
#
Size (KWord)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More