| Moteur de recherche de fiches techniques de composants électroniques |
|
STM706P Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706P Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 26 page ![]() 19/26 STM706T/S/R; STM706P; STM708T/S/R Figure 29. MR Timing Waveform Note: 1. RST for STM706P and STM708T/S/R. Figure 30. Watchdog Timing (STM706T/S/R and STM706P) Table 6. DC and AC Characteristics Sym Alter- native Description Test Condition(1) Min Typ Max Unit VCC Operating Voltage 1.2(2) 5.5 V ICC VCC Supply Current VCC < 3.6V 35 50 µA VCC < 5.5V 40 60 µA ILI Input Leakage Current (WDI) 0V = VIN = VCC –1 +1 µA Input Leakage Current (PFI) 0V = VIN = VCC –25 2 +25 nA Input Leakage Current (MR) VRST (max) < VCC < 3.6V 25 80 250 µA 4.5V < VCC < 5.5V 75 125 300 µA VIH Input High Voltage (MR) 4.5V < VCC < 5.5V 2.0 V VRST (max) < VCC < 3.6V 0.7VCC V VIH Input High Voltage (WDI) VRST (max) < VCC < 5.5V 0.7VCC V VIL Input Low Voltage (MR) 4.5V < VCC < 5.5V 0.8 V VRST (max) < VCC < 3.6V 0.6 V VIL Input Low Voltage (WDI) VRST (max) < VCC < 5.5V 0.3VCC V AI07837a RST (1) MR tMLRL trec tMLMH AI08833 RST WDO WDI VCC trec tWD |