Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST600K Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST600K
Description  LOW VOLTAGE NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST600K Fiches technique(HTML) 5 Page - STMicroelectronics

  ST600K Datasheet HTML 1Page - STMicroelectronics ST600K Datasheet HTML 2Page - STMicroelectronics ST600K Datasheet HTML 3Page - STMicroelectronics ST600K Datasheet HTML 4Page - STMicroelectronics ST600K Datasheet HTML 5Page - STMicroelectronics ST600K Datasheet HTML 6Page - STMicroelectronics ST600K Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST600K
3 Package Mechanical Data
5/7
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.4
7.8
0.291
0.307
B
10.5
10.8
0.413
0.445
b
0.7
0.9
0.028
0.035
b1
0.49
0.75
0.019
0.030
C
2.4
2.7
0.040
0.106
c1
1.0
1.3
0.039
0.050
D
15.4
16.0
0.606
0.629
e
2.2
0.087
e3
4.15
4.65
0.163
0.183
F
3.8
0.150
G
3
3.2
0.118
0.126
H
2.54
0.100
H2
2.15
0.084
c1
H2
0016114
SOT-32 (TO-126) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7