| Moteur de recherche de fiches techniques de composants électroniques |
|
ST600K Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST600K Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() PRELIMINARY DATA This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Rev 1 July 2005 1/7 7 ST600K LOW VOLTAGE NPN POWER TRANSISTOR Features ■ LOW SATURATION VOLTAGE Applications ■ SCANNING VELOCITY MODULATION IN CRT DISPLAYS ■ MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS Description The ST600K is manufactured by low voltage Epitaxial Base technology and it is housed in SOT-32 plastic package. The complementary PNP type is ST631K. Order Codes Internal Schematic Diagram SOT-32 (TO-216) 3 2 1 Part Number Marking Package Packing ST600K 600K SOT-32 TUBE www.st.com |
Numéro de pièce similaire - ST600K |
|
Description similaire - ST600K |