Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM1582K Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce CM1582K
Description  3A LOW DROPOUT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582K Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM1582K Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 9Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 10Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 8
Output Voltage
The CM1582 adjustable version develops a 1.25V reference voltage between the Sense pin and the Adjust pin (Figure 5). Placing
a resistor between these two terminals causes a constant current to flow through R1 and down through R2 to set the output
voltage. In general R1 is chosen so that this current is the specified minimum load current of 10mA. The current out of the Adjust
pin is small, typically 50uA and it adds to the current for R1. For best regulation the top of the resistor divider should be connected
directly to the Sense pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11