Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM1582K Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce CM1582K
Description  3A LOW DROPOUT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582K Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  CM1582K Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0mA, and TJ = +25℃; unless otherwise noted
CM1582
Parameter
Device
Test Conditions
Min.
Typ.
Max.
Unit
CM1582D
VCONTROL = 3.3V, VPOWER = 2.5V
1.792
1.800
1.818
V
CM1582K
VCONTROL = 5.0V, VPOWER = 3.3V
2.474
2.500
2.525
V
CM1582S
VCONTROL = 5.0V, VPOWER = 4.1V
3.267
3.300
3.333
V
Output Voltage
CM1582ZJ
VCONTROL = 7.0V, VPOWER = 5.8V
4.950
5.000
5.050
V
CM1582D
VCONTROL = 3.3V, VPOWER = 2.5V
1.771
1.800
1.829
V
CM1582K
VCONTROL = 5.0V, VPOWER = 3.3V
2.460
2.500
2.540
V
CM1582S
VCONTROL = 5.0V, VPOWER = 4.1V
3.247
3.300
3.353
V
Output Voltage
CM1582ZJ
VCONTROL = 7.0V, VPOWER = 5.8V
IOUT = 3A
4.920
5.000
5.080
V
VCONTROL = 5.0V, VPOWER = 3.3V (note1)
1.238
1.250
1.262
V
Reference Voltage CM1582(adj)
VCONTROL = (VOUT + 1.5V) to 12V, VPOWER = (VOUT +
0.8V) to 7V, IOUT = 10mA to 3A
1.230
1.250
1.270
V
Line Regulator (note 2)
1.5V+ VOUT <= VCONTROL <= 12V,
0.8V<= VPOWER - VOUT <= 5.5V
0.04
0.20
%
Load Regulation (note 2)
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 3A
0.08
0.3
%
IOUT = 10mA
Dropout Voltage (Note 3)
VCONTROL - VOUT
VPOWER = VOUT + 0.8V
IOUT = 3A
1.00
1.15
1.15
1.30
V
IOUT = 10mA
Dropout Voltage (Note 3)
VPOWER - VOUT
VCONTROL = VOUT + 2.5V
IOUT = 3A
0.10
0.45
0.17
0.50
V
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.05V,
IOUT = 10mA
50
120
µA
Control Pin Current
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 3A
80
135
mA
Current Limit
(VIN – VOUT ) = 1.5V
3
4
A
Minimum Load Current (Note 4)
VCONTROL = 5.0V, VPOWER = 3.3V
5
10
mA
Ripple Rejection (Note 5)
VCONTROL = VPOWER = VOUT + 2.5V,
VRIPPLE = 1VPP, IOUT = 2.3A
60
80
dB
Thermal Regulation
TA = 25℃
0.003
%/W
Note 1: Output voltage is set to be 2.5V.
Note 2: Line and load regulations are guaranteed up to maximum power dissipation determined by input/output differential and
the output current. However, the maximum power will not be available over the full input/output voltage range.
Note 3: The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor
divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: These parameters, although guaranteed, are not tested in production prior to shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11