Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE10A Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 74Page - STMicroelectronics STE10A Datasheet HTML 75Page - STMicroelectronics STE10A Datasheet HTML 76Page - STMicroelectronics STE10A Datasheet HTML 77Page - STMicroelectronics STE10A Datasheet HTML 78Page - STMicroelectronics STE10A Datasheet HTML 79Page - STMicroelectronics STE10A Datasheet HTML 80Page - STMicroelectronics STE10A Datasheet HTML 81Page - STMicroelectronics STE10A Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
Electrical specifications and timings
STE10/100A
78/82
Figure 22.
Fast link pulse timings
Table 27.
100BASE-TX transmitter AC timings specification
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tjit
TDP-TDN differential output
peak jitter
1.4
ps
Tflcpp
Tflcpd
Tflpw
Tflbw
Tflbp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82