Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS922 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TS922
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TS922 Datasheet HTML 12Page - STMicroelectronics TS922 Datasheet HTML 13Page - STMicroelectronics TS922 Datasheet HTML 14Page - STMicroelectronics TS922 Datasheet HTML 15Page - STMicroelectronics TS922 Datasheet HTML 16Page - STMicroelectronics TS922 Datasheet HTML 17Page - STMicroelectronics TS922 Datasheet HTML 18Page - STMicroelectronics TS922 Datasheet HTML 19Page - STMicroelectronics TS922 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
TS922
16/21
5.2
DIP8 package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L3.3
0.130
Z
0.44
1.6
0.017
0.063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21