| Moteur de recherche de fiches techniques de composants électroniques |
|
2N6111 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N6111 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() 2N6111 SILICON PNP SWITCHING TRANSISTOR s STMicroelectronics PREFERRED SALESTYPE s PNP TRANSISTOR APPLICATIONS: s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The 2N6111 is an Epitaxial-Base PNP silicon transistor in Jedec TO-220 plastic package. It is intended for a wide variety of medium power switching and linear applications. ® INTERNAL SCHEMATIC DIAGRAM December 2003 1 2 3 TO-220 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -40 V VCEX Collector-Emitter Voltage (RBE = 100 Ω) -40 V VCEO Collector-Emitter Voltage (IB = 0) -30 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -7 A IB Base Current -3 A Ptot Total Dissipation at Tc = 25 oC40 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 |
Numéro de pièce similaire - 2N6111_03 |
|
Description similaire - 2N6111_03 |