| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34087M Fiches technique(PDF) 40 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS34087M Fiches technique(HTML) 40 Page - ams AG |
|
40 / 52 page ![]() Page 40 Datasheet, Public Document Feedback [v2-00] 2023-Feb-01 TCS3408 − Application Information It is highly recommended to consult the ams OSRAM application team for circuit diagram and layout review at design-in. Figure 48: TCS3408 Typical Application Circuit Note(s): 1. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall connected to a solid ground plane. Figure 49: TCS3408 Recommended Part Placement Note(s): 1. NC pins do not have an internal electrical connection. For device ESD protection, it is recommended to connect it to ground. Application Information VDD INT SCL SDA TCS3408 VDD VSS INT SCL SDA RSCL RSDA VIO RINT PGND C2 22 V1.8 C1 R1 |