Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34087M Fiches technique(PDF) 21 Page - ams AG

No de pièce TCS34087M
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TCS34087M Fiches technique(HTML) 21 Page - ams AG

Back Button TCS34087M Datasheet HTML 17Page - ams AG TCS34087M Datasheet HTML 18Page - ams AG TCS34087M Datasheet HTML 19Page - ams AG TCS34087M Datasheet HTML 20Page - ams AG TCS34087M Datasheet HTML 21Page - ams AG TCS34087M Datasheet HTML 22Page - ams AG TCS34087M Datasheet HTML 23Page - ams AG TCS34087M Datasheet HTML 24Page - ams AG TCS34087M Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Datasheet, Public
Page 21
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Identification
The identification registers provide auxiliary identification for
special cases, wafer revision data, and device identification. All
identification registers are read only.
Figure 22:
Identification Registers
Note(s):
1. Return to the Register Map (0x90, 0x91, 0x92).
Bits
Addr
Field
Description
7:0
0x90
AUXID
Auxiliary Identification (0x4A)
7:0
0x91
REVID
Revision Identification (0x53)
7:0
0x92
ID
Device Identification (0x18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52