Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C4002 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M27C4002
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M27C4002_06 Datasheet HTML 16Page - STMicroelectronics M27C4002_06 Datasheet HTML 17Page - STMicroelectronics M27C4002_06 Datasheet HTML 18Page - STMicroelectronics M27C4002_06 Datasheet HTML 19Page - STMicroelectronics M27C4002_06 Datasheet HTML 20Page - STMicroelectronics M27C4002_06 Datasheet HTML 21Page - STMicroelectronics M27C4002_06 Datasheet HTML 22Page - STMicroelectronics M27C4002_06 Datasheet HTML 23Page - STMicroelectronics M27C4002_06 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M27C4002
Package mechanical data
21/24
Figure 13.
TSOP40 - 40 lead Plastic Thin Small Outline, 10 x 20 mm, Package Outline
1.
Drawing is not to scale.
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α
Table 16.
TSOP40 - 40 lead Plastic Thin Small Outline, 10 x 20 mm, mechnical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
0.950
1.050
0.0374
0.0413
B
0.170
0.270
0.0067
0.0106
C
0.100
0.210
0.0039
0.0083
CP
0.100
0.0039
D
19.800
20.200
0.7795
0.7953
D1
18.300
18.500
0.7205
0.7283
e
0.500
–
–
0.0197
–
–
E
9.900
10.100
0.3898
0.3976
L
0.500
0.700
0.0197
0.0276
α
05
05
N40
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24