Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C4002 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M27C4002
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M27C4002_06 Datasheet HTML 9Page - STMicroelectronics M27C4002_06 Datasheet HTML 10Page - STMicroelectronics M27C4002_06 Datasheet HTML 11Page - STMicroelectronics M27C4002_06 Datasheet HTML 12Page - STMicroelectronics M27C4002_06 Datasheet HTML 13Page - STMicroelectronics M27C4002_06 Datasheet HTML 14Page - STMicroelectronics M27C4002_06 Datasheet HTML 15Page - STMicroelectronics M27C4002_06 Datasheet HTML 16Page - STMicroelectronics M27C4002_06 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M27C4002
DC and AC parameters
13/24
4
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 6.
AC Testing Input Output Waveform
Figure 7.
AC Testing Load Circuit
Table 5.
AC Measurement Conditions
Parameter
High Speed
Standard
Input Rise and Fall Times
≤10ns
≤20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24