Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34C02-WDW6P Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce M34C02-WDW6P
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WDW6P Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button M34C02-WDW6P Datasheet HTML 23Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 24Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 25Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 26Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 27Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 28Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 29Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 30Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Part numbering
29/31
9
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 17.
Ordering information scheme
Example:
M34C02-W –
W MB 6
T
P
Device Type
M34 = ASSP I2C serial access EEPROM
Device Function
02 = 2 Kbit (256 x 8)
Operating Voltage
W = VCC = 2.5 to 5.5V (400kHz)
L = VCC = 2.2 to 5.5V (400kHz)
R = VCC = 1.8 to 5.5V (400kHz)
Package
MB = UDFDFPN8 (MLP8)
DW = TSSOP8 (169 mil width)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
1 = Temperature range 0 to 70 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31