Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34C02-WDW6P Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce M34C02-WDW6P
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WDW6P Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button M34C02-WDW6P Datasheet HTML 18Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 19Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 20Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 21Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 22Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 23Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 24Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 25Page - STMicroelectronics M34C02-WDW6P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
DC and AC parameters
M34C02-W, M34C02-L, M34C02-R
22/31
7
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 12.
AC Measurement I/O Waveform
Table 6.
Operating Conditions (M34C02-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.5
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Table 7.
Operating Conditions (M34C02-L)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.2
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Table 8.
Operating Conditions (M34C02-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.8
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Table 9.
AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Levels
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Levels
0.3VCC to 0.7VCC
V
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31