| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2507 Fiches technique(PDF) 14 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2507 Fiches technique(HTML) 14 Page - SMSC Corporation |
|
14 / 44 page ![]() Integrated USB 2.0 Compatible 7-Port Hub Datasheet Revision 2.1 (12-06-06) 14 SMSC USB2507 DATASHEET I/O12 Input/Output, 12mA IOSD12 Open drain….12mA sink with Schmitt trigger, and must meet I2C-Bus Specification Version 2.1 requirements. ICLKx XTAL Clock Input OCLKx XTAL Clock Output I-R RBIAS IO-U Defined in USB Specification. Note: Meets USB 1.1 requirements when operating as a 1.1-compliant device and meets USB 2.0 requirements when operating as a 2.0-compliant device. AIO Analog Input/output. Per PHY test requirements. Table 4.5 Buffer Type Descriptions (continued) BUFFER DESCRIPTION |