| Moteur de recherche de fiches techniques de composants électroniques |
|
PC7447AMGH1000LB Fiches technique(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC7447AMGH1000LB Fiches technique(HTML) 4 Page - ATMEL Corporation |
|
4 / 44 page ![]() 4 5387B–HIREL–07/05 PC7447A [Preliminary] Eight-entry link register stack to predict the target address of Branch Conditional to Link Register (BCLR) instructions – Four integer units (IUs) that share 32 GPRs for integer operands Three identical IUs (IU1a, IU1b, and IU1c) can execute all integer instructions except multiply, divide, and move to/from special-purpose register instructions. IU2 executes miscellaneous instructions including the CR logical operations, integer multiplication and division instructions, and move to/from special-purpose register instructions. – Five-stage FPU and a 32-entry FPR file Fully IEEE 754-1985-compliant FPU for both single- and double-precision operations Supports non-IEEE mode for time-critical operations Hardware support for denormalized number Thirty-two 64-bit FPRs for single- or double-precision operands – Four vector units and 32-entry vector register file (VRs) Vector permute unit (VPU) Vector integer unit 1 (VIU1) handles short-latency AltiVec™ integer instructions, such as vector add instructions (for example, vaddsbs, vaddshs, and vaddsws). Vector integer unit 2 (VIU2) handles longer-latency AltiVec integer instructions, such as vector multiply add instructions (for example, vmhaddshs, vmhraddshs, and vmladduhm). Vector floating-point unit (VFPU) – Three-stage load/store unit (LSU) Supports integer, floating-point, and vector instruction load/store traffic Four-entry vector touch queue (VTQ) supports all four architectures of the AltiVec data stream operations Three-cycle GPR and AltiVec load latency (byte, half word, word, vector) with one- cycle throughput Four-cycle FPR load latency (single, double) with one-cycle throughput No additional delay for misaligned access within double-word boundary |