Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC7447AMGH1000LB Fiches technique(PDF) 18 Page - ATMEL Corporation

No de pièce PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Fiches technique(HTML) 18 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 14Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 16Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 17Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
5387B–HIREL–07/05
PC7447A [Preliminary]
6.4.4.5
Bus-to-Core Multiplier Constraints with DFS
DFS is not available for all bus-to-core multipliers as configured by PLL_CFG[0:4] during hard
reset. Specifically, because the PC7447A does not support quarter clock ratios or the 1x multi-
plier, the DFS feature is limited to integer PLL multipliers of 4x and higher. The complete listing
is shown in Table 6-5 on page 18.
Table 6-5.
Valid Divide Ratio Configurations
Bus-to-Core Multiplier Configured by
PLL_CFG[0:4] (see Table 13-1 on page 35)
Bus-to-Core Multiplier with
HID1[DFS1] = 1 (÷2)
2x
N/A
3x
N/A
4x
2x
5x
2.5x
5.5x
2x
6x
3x
6.5x
N/A
7x
3.5x
7.5x
N/A
8x
4x
8.5x
N/A
9x
4.5x
9.5x
N/A
10x
5x
10.5x
N/A
11x
5.5x
11.5x
N/A
12x
6x
12.5x
N/A
13x
6.5x
13.5x
N/A
14x
7x
15x
7.5x
16x
8x
17x
8.5x
18x
9x
20x
10x
21x
10.5x
24x
12x
28x
14x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44