| Moteur de recherche de fiches techniques de composants électroniques |
|
AT24CS32 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT24CS32 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 42 page ![]() Table 6-2. First Word Address Byte Access Area Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 EEPROM X X X X A11 A10 A9 A8 Serial Number X X X X 1 0 X X Next, the second word address byte is sent to the device which provides the remaining eight bits of the word address (A7 through A0). Upon completion of the second word address byte, the AT24CS32 will return an ACK. See Table 6-3 to review these bit positions. Table 6-3. Second Word Address Byte Access Area Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 EEPROM A7 A6 A5 A4 A3 A2 A1 A0 Serial Number X X X A4 A3 A2 A1 A0 AT24CS32 Memory Organization © 2020 Microchip Technology Inc. Datasheet DS20006341A-page 17 |