Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24CS32 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 32Page - Microchip Technology AT24CS32 Datasheet HTML 33Page - Microchip Technology AT24CS32 Datasheet HTML 34Page - Microchip Technology AT24CS32 Datasheet HTML 35Page - Microchip Technology AT24CS32 Datasheet HTML 36Page - Microchip Technology AT24CS32 Datasheet HTML 37Page - Microchip Technology AT24CS32 Datasheet HTML 38Page - Microchip Technology AT24CS32 Datasheet HTML 39Page - Microchip Technology AT24CS32 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
0.95 BSC
MIN
E
MAX
Contact Pad Length (X5)
Contact Pad Width (X5)
Y1
X1
1.05
0.60
NOM
SILK SCREEN
12
5
C
E
X1
Y1
G
C
Contact Pad Spacing
2.60
Contact Pad to Center Pad (X2)
G
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2018 Microchip Technology Inc.
Microchip Technology Drawing C04-23344 Rev B
5-Lead Plastic Thin Small Outline Transistor (NMB) [TSOT]
Atmel Legacy Global Package Code TSZ
AT24CS32
Packaging Information
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42