Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLUS16R4DA Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PLUS16R4DA
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R4DA Fiches technique(HTML) 2 Page - NXP Semiconductors

  PLUS16R4DA Datasheet HTML 1Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 2Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 3Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 4Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 5Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 6Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 7Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 8Page - NXP Semiconductors PLUS16R4DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
37
PIN CONFIGURATIONS
11
1
2
3
19
20
SYMBOL
DESCRIPTION
I
Dedicated Input
O
Dedicated combinatorial Output
Q
Registered output
B
Bidirectional (input/output)
CLK
Clock input
OE
Output Enable
VCC
Supply Voltage
GND
Ground
SYMBOL
DESCRIPTION
I
Dedicated Input
O
Dedicated combinatorial Output
Q
Registered output
B
Bidirectional (input/output)
CLK
Clock input
OE
Output Enable
VCC
Supply Voltage
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
AND
OR
ARRAY
D Q
Q
PLUS16R8
PLUS16L8
CLK
I0
I1
GND
I2
I3
I4
I5
I6
I7
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AND
OR
ARRAY
I0
I1
I2
GND
I3
I4
I5
I6
I7
I8
I9
O0
B1
B2
B3
B4
B5
B6
O7
VCC
PLUS16R8
PLUS16L8
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VCC O7
B6
B2
B3
B4
B5
B1
O0
I9
GND
I8
I3
I4
I5
I6
I7
I2
I1
I0
AND
OR
ARRAY
OUTPUTS
1
2
3
19
20
4
5
6
7
8
9
10
12
13
14
15
16
17
18
VCC Q7
Q6
Q2
Q3
Q4
Q5
Q1
Q0
GND
I3
I4
I5
I6
I7
I2
I1
I0
AND
OR
ARRAY
OUTPUTS
CLK
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16