Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CCM1610 Fiches technique(PDF) 3 Page - Micro Electronics

No de pièce CCM1610
Description  16 x 1 line Character
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-ELECTRONICS [Micro Electronics]
Site Internet  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM1610 Fiches technique(HTML) 3 Page - Micro Electronics

  CCM1610 Datasheet HTML 1Page - Micro Electronics CCM1610 Datasheet HTML 2Page - Micro Electronics CCM1610 Datasheet HTML 3Page - Micro Electronics CCM1610 Datasheet HTML 4Page - Micro Electronics CCM1610 Datasheet HTML 5Page - Micro Electronics CCM1610 Datasheet HTML 6Page - Micro Electronics CCM1610 Datasheet HTML 7Page - Micro Electronics CCM1610 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ME
ME DISPLAYS
CCM1610
16 x 1 line Character
• PIN ASSIGNMENT
No.
Symbol
Level
Pin Description
Function
1
Vss
--
Ground
0V
2
Vdd
--
Supply Voltage for Logic
5V
3
Vo
--
LCD Contrast Adjust
By User
4
RS
H/L
Register Select
H: Data, L: Instruction Code
5
R/W
H/L
Read / Write
H: Data Read, L: Data Write
6
E
H, H
àL
Enable
Enable Signal
7
DB0
H/L
Data Bit 0
8-Bit Interface
8
DB1
H/L
Data Bit 1
8-Bit Interface
9
DB2
H/L
Data Bit 2
8-Bit Interface
10
DB3
H/L
Data Bit 3
8-Bit Interface
11
DB4
H/L
Data Bit 4
4 or 8-Bit Interface
12
DB5
H/L
Data Bit 5
4 or 8-Bit Interface
13
DB6
H/L
Data Bit 6
4 or 8-Bit Interface
14
DB7
H/L
Data Bit 7
4 or 8-Bit Interface
• BLOCK DIAGRAM
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8