Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CCM1610 Fiches technique(PDF) 7 Page - Micro Electronics

No de pièce CCM1610
Description  16 x 1 line Character
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-ELECTRONICS [Micro Electronics]
Site Internet  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM1610 Fiches technique(HTML) 7 Page - Micro Electronics

  CCM1610 Datasheet HTML 1Page - Micro Electronics CCM1610 Datasheet HTML 2Page - Micro Electronics CCM1610 Datasheet HTML 3Page - Micro Electronics CCM1610 Datasheet HTML 4Page - Micro Electronics CCM1610 Datasheet HTML 5Page - Micro Electronics CCM1610 Datasheet HTML 6Page - Micro Electronics CCM1610 Datasheet HTML 7Page - Micro Electronics CCM1610 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LED BACKLIGHT
Characterisitcs
Low Voltage Driving (DC) is available without invertor
No noise occurrence
Life : 20K Hours
Item
Symbol
Conditions
Rating
Unit
Power Dissipation
Pmax
--
1960
mW
Forward Voltage
Vf
Type
4.4
V
Reverse Voltage
Vr min
Ir=1400uA
10
V
Average Forward Current
If max
Vf=4.4V
350
mA
• AC CHARACTERISTICS
(Vdd=5V
± 10%, Vss=0V, Ta=25°C)
Write Mode (Writing data from Micom to KS070B)
Item
Symbol
Min
Max
Unit
Enable Cycle Time
TCYCE
500
--
ns
Enable Pulse Width
High Level
PWEH
220
--
ns
Enable Rise/Fall Time
tEr, tEf
--
25
ns
Address Set-up Time
RS, R/W to E
tAS
40
--
ns
Address Hold Time
tAH
10
--
ns
Data Set-up Time
tDSW
60
--
ns
Data Hold Time (Writing)
tH
10
--
ns
Data Hold Time (Reading)
tDHR
10
--
ns
• TIMING CHARACTERISTICS
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8