Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0672 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 27Page - STMicroelectronics STV0672 Datasheet HTML 28Page - STMicroelectronics STV0672 Datasheet HTML 29Page - STMicroelectronics STV0672 Datasheet HTML 30Page - STMicroelectronics STV0672 Datasheet HTML 31Page - STMicroelectronics STV0672 Datasheet HTML 32Page - STMicroelectronics STV0672 Datasheet HTML 33Page - STMicroelectronics STV0672 Datasheet HTML 34Page - STMicroelectronics STV0672 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
31/105
cd5410-6410f-3-0.fm
8.3
Video timing reference and status/configuration data
Each frame of video sequence comprises 2 fields. Each field of data is constructed of the following sequence of data lines.
Figure 13 : Embedded Control Sequence
Command (Line Code)
Supplementary Data
(i) Line Number (L11 MSB) output in SAV
or (ii) Pixel average output in EAV (4-wire used as example, P7 MSB)
Odd
word
parity
0
1
2
3
4
5
6
7
Bit
Nibble D0 = FH
Nibble D1 = FH
P6
P7
P5 P4
L11
0
L10 L9
L7
L8
L6
P
P2
P3
P1 P0
1
1
1
1
1
1
1
1
Nibble D2
Nibble D3
0
1
2
3
4
5
6
7
Bit
L5
0
L4 L3
L1
L2
L0
P
Nibble D0
Nibble D1
0
1
2
3
4
5
6
7
Bit
C2
1
C1 C0
P2
P3
P1 P0
Nibble YH
Nibble XH
4-wire output
mode
8-bit Data
Escape/Sync Sequence
D0
D1
D2
D3
YH
XH
0H
0H
FH
FH
FH
FH
FFH
FFH
00H
XYH
D3D2
D1D0
5-wire output
mode
00H
00H
1FH
1FH
1FH
1FH
Nibble D3
Nibble D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More