Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0672 Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 93Page - STMicroelectronics STV0672 Datasheet HTML 94Page - STMicroelectronics STV0672 Datasheet HTML 95Page - STMicroelectronics STV0672 Datasheet HTML 96Page - STMicroelectronics STV0672 Datasheet HTML 97Page - STMicroelectronics STV0672 Datasheet HTML 98Page - STMicroelectronics STV0672 Datasheet HTML 99Page - STMicroelectronics STV0672 Datasheet HTML 100Page - STMicroelectronics STV0672 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
97/105
cd5410-6410f-3-0.fm
Single pixel:- a failing pixel with no immediate failing same colour neighbours. Pixels at position [0],[1],[2],[3],[4],[5],[6] and [7] are
all valid pixels. Please see Figure 54 below.
Figure 54 : Isolated pixel fail
13.5.2 Summary Pass Criteria
Clusters
Blobs
Row Fails (inc doubles)
Column Fails (inc doubles)
Single pixel fails
Notes1
1.
If there is a non-zero number of clusters, blobs or row/column faults and greater than 120 single pixel defects then the
device will be rejected and classed as a fail.
0
0
0
0
<=120
Pass
Table 68 : Sensor Pixel Defect Pass Criteria
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More