| Moteur de recherche de fiches techniques de composants électroniques |
|
VV5410 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV5410 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 105 page ![]() Figure 28 : Reseting the Sensor via the Serial Interface (example shown is 4wire output mode) FH 9H,6H,9H,6H... N 0 1 D[3:0] CLKI Frame Number SDA SCL 2 3 4 5 Start of Frame Line for the 1st frame of valid video data. Valid Video data. setup0[2] SR0-SR1 “Soft-Reset” Command. At the end of the command the sensor is reset and enters low-power mode. SR2 The sensor enters low-power mode. SR3-SR4 “Exit Low Power Mode” Command. Powers-up analogue circuits and initates the sensor’s 4-frame start-up sequence SR5-SR6 1 Frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling phase for the nibble data (D[3:0]). SR7-SR8 4 Frames after the “Exit Low-Power mode” command, the sensor starts outputing valid video data. One frame of 9H &6H data. FH setup0[0] |