Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV5410 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 49Page - STMicroelectronics VV5410 Datasheet HTML 50Page - STMicroelectronics VV5410 Datasheet HTML 51Page - STMicroelectronics VV5410 Datasheet HTML 52Page - STMicroelectronics VV5410 Datasheet HTML 53Page - STMicroelectronics VV5410 Datasheet HTML 54Page - STMicroelectronics VV5410 Datasheet HTML 55Page - STMicroelectronics VV5410 Datasheet HTML 56Page - STMicroelectronics VV5410 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 105 page
background image
Figure 30 : Entering and Exiting Low Power Mode (example is 4wire mode).
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[0]
LP0-LP1
“Enter Low Power Mode” Command.
LP2
At end of current frame, the sensor will enter the low power mode and the databus will be driven high.
LP3-LP4
“Exit Low Power Mode” Command sent to sensor - sensor begins power up sequence.
LP5-LP6
1 Frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling phase for the nibble data (D[3:0]).
LP7-LP8
4 Frames after the “Exit low Power Mode” command, the sensor starts outputing valid video data.
One frame of 9H &6H data.
FH
FH
9H,6H,9H,6H...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More