| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD66P04BGS Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD66P04BGS Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 34 page ![]() 2 µPD66P04B Data Sheet U13596EJ2V1DS00 ORDERING INFORMATION Part Number Package µPD66P04BGS 20-pin plastic SOP (7.62 mm (300)) µPD66P04BGS-GJG 20-pin plastic SSOP (7.62 mm (300)) PIN CONFIGURATION (TOP VIEW) 20-pin Plastic SOP (7.62 mm (300)) • µPD66P04BGS 20-pin Plastic SSOP (7.62 mm (300)) • µPD66P04BGS-GJG (1) Normal operating mode Caution Round brackets ( ) indicate the pins not used in the PROM programming mode. L : Connect each of these pins to GND via a pull-down resistor. (2) PROM programming mode 1 2 3 4 5 6 7 8 9 10 KI/O6 KI/O7 S0 S1/LED REM VDD OSCOUT OSCIN GND RESET 20 19 18 17 16 15 14 13 12 11 KI/O5 KI/O4 KI/O3 KI/O2 KI/O1 KI/O0 KI3 KI2 KI1 KI0 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 D6 D7 CLK (L) VDD OSCOUT OSCIN GND VPP D5 D4 D3 D2 D1 D0 MD3 MD2 MD1 MD0 |