| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5014 Fiches technique(PDF) 41 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5014 Fiches technique(HTML) 41 Page - Cirrus Logic |
|
41 / 46 page ![]() CS5016 Ordering Guide Signal to Model Linearity Noise Ratio Conversion Time Temp. Range Package CS5016-JP32 .0030% 87 dB 32.50 µs 0 to 70 °C 40-Pin Plastic DIP CS5016-JP16 .0030% 87 dB 16.25 µs 0 to 70 °C 40-Pin Plastic DIP CS5016-KP32 .0015% 90 dB 32.50 µs 0 to 70 °C 40-Pin Plastic DIP CS5016-KP16 .0015% 90 dB 16.25 µs 0 to 70 °C 40-Pin Plastic DIP CS5016-JL32 .0030% 87 dB 32.50 µs 0 to 70 °C 44-Pin PLCC CS5016-JL16 .0030% 87 dB 16.25 µs 0 to 70 °C 44-Pin PLCC CS5016-KL32 .0015% 90 dB 32.50 µs 0 to 70 °C 44-Pin PLCC CS5016-KL16 .0015% 90 dB 16.25 µs 0 to 70 °C 44-Pin PLCC CS5016-AP32 .0030% 87 dB 32.50 µs -40 to +85 °C 40-Pin Plastic DIP CS5016-AP16 .0030% 87 dB 16.25 µs -40 to +85 °C 40-Pin Plastic DIP CS5016-BP32 .0015% 90 dB 32.50 µs -40 to +85 °C 40-Pin Plastic DIP CS5016-BP16 .0015% 90 dB 16.25 µs -40 to +85 °C 40-Pin Plastic DIP CS5016-AL32 .0030% 87 dB 32.50 µs -40 to +85 °C 44-Pin PLCC CS5016-AL16 .0030% 87 dB 16.25 µs -40 to +85 °C 44-Pin PLCC CS5016-BL32 .0015% 90 dB 32.50 µs -40 to +85 °C 44-Pin PLCC CS5016-BL16 .0015% 90 dB 16.25 µs -40 to +85 °C 44-Pin PLCC CS5016-SD16 .0076% 87 dB 16.25 µs -55 to +125 °C 40-Pin CerDIP CS5016-TD16 .0015% 90 dB 16.25 µs -55 to +125 °C 40-Pin CerDIP CS5016-SE16 .0076% 87 dB 16.25 µs -55 to +125 °C 44-Pin Ceramic LCC CS5016-TE16 .0015% 90 dB 16.25 µs -55 to +125 °C 44-Pin Ceramic LCC 5962-8967601QA .0076% 87 dB 16.25 µs -55 to +125 °C 40-Pin CerDIP 5962-8967602QA .0015% 90 dB 16.25 µs -55 to +125 °C 40-Pin CerDIP 5962-8967601XA .0076% 87 dB 16.25 µs -55 to +125 °C 44-Pin Ceramic LCC 5962-8967602XA .0015% 90 dB 16.25 µs -55 to +125 °C 44-Pin Ceramic LCC The following is a list of upgraded part numbers. Discontinued Equivalent Part Number Recommended Device CS5016-SD16B 5962-8967601QA CS5016-TD16B 5962-8967602QA CS5016-SE16B 5962-8967601XA CS5016-TE16B 5962-8967602XA CS5012A, CS5014, CS5016 DS14F6 2-47 |